|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Model 1426 Medium Power Coaxial Terminations Type N or 2.92mm Connectors dc to 8.5 GHz 50 Watts CALIBRATION: SWR Testing performed across the frequency band. Test data is available at additional cost. CONNECTOR: Type N or 2.92mm connectors nondestructively with MIL-C-39012 connector. Connector Options 1 2 3 4 Type/Description 2.92mm, Female 2.92mm, Male Type N, Female Type N, Male mate Features o o o o Rugged Construction. Rugged Construction - Quality connector with special high temperature support bead. Low Intermodulation Option 5 Kilowatts Peak Power CONSTRUCTION: Black, finned aluminum body, stainless steel connector; gold plated beryllium copper female contacts and stainless steel male contacts. WEIGHT: Net 280 g (10 oz.) PHYSICAL DIMENSIONS: Specifications NOMINAL IMPEDANCE: 50 FREQUENCY RANGE: MAXIMUM SWR: Frequency (GHz) dc - 4 4 - 8.5 SWR 1.20 1.30 Model # 1426-1 1426-2 1426-3 1426-4 DIM A 12.7 14.0 15.0 22.9 (0.50) (0.55) (0.59) (0.90) Connector Type 2.92mm female 2.92mm male N female N male dc to 8.5 GHz 1.40 1.30 1.20 1.10 1.00 0.05 1.00 2.00 3.00 4.00 5.00 6.00 7.00 8.00 Specification NOTE: All dimensions are given in mm (inches) and are maximum, unless otherwise specified. Typical 1426-4 SWR Performance POWER RATING: 50 watts average (mounted horizontally) to 25C ambient temperature, derated linearly to 0 watts @ 125C. 5 kilowatts peak (5 sec pulse width; 0.05% duty cycle). INTERMODULATION (Model 1426-X-LIM Only): IM3 (Reflected) = -100 dBc with two input signals @ 869 MHz and 891 MHz with an average power of +41 dBm each. TEMPERATURE RANGE: -55C to +125C MODEL NUMBER DESCRIPTION: Example: 1426 - X - LIM IM Option* Basic Model Number Connector Option * Add -LIM to entire model number for Low Intermodulation option. Option not available through Express. 94 4/30/02 5305 Spectrum Drive, Frederick, MD 21703-7362 TEL: 301-846-9222, 800-638-2048 web: www.weinschel.com email: sales@weinschel.com Fax: 301-846-9116 |
Price & Availability of 1426-1-IM |